Part Number Hot Search : 
G2412 Z8530DCB 106X00 2NBSP OSG8N SC100 4020B LM338
Product Description
Full Text Search
 

To Download 0022122121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0022122121 Active
2.54mm (.100") Pitch KK(R) Wire-to-Board Header, Single Row, Right Angle, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-10-07 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Headers 4094 Board-to-Board, Wire-to-Board KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 12 12 Natural (White) 100 94V-0 No None Brass Gold Gold Nylon 1 Right Angle 0.124 In 3.15 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 20 0.5 20 0.5 No No No Yes No 0C to +75C Through Hole
Search Parts in this Series 4094Series Mates With 2695 , 6471 , 7880 , 4455 , 7720
Electrical
Current - Maximum per Contact Voltage - Maximum
4A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info
Old Part Number A-4094-12A501
Reference - Drawing Numbers
Product Specification Sales Drawing PS-10-07 SDA-4094
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0022122121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X